PART |
Description |
Maker |
0951154883 SD-95115-001 95115-4883 |
Round Cable Boot with Latch Protection for Modular Plug, Green
|
Molex Electronics Ltd.
|
0951154882 SD-95115-001 95115-4882 |
Round Cable Boot with Latch Protection for Modular Plug, Gray
|
Molex Electronics Ltd.
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
PS9617 PS9617L-V-E4-A PS9617-A PS9617L PS9617L-A P |
GIGATRUE 550 CAT PATCH CABLE NO BOOT 7FT BLACK 高噪音减少,高速数字输出型8引脚DIP光耦合 GIGATRUE 550 CAT PATCH CBL NO BOOT 1FT BK 25 PK 高噪音减少,高速数字输出型8引脚DIP光耦合 HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER 高噪音减少,高速数字输出型8引脚DIP光耦合 GIGATRUE 550 CAT6 PATCH 2 FT, NON BOOT, BLACK GIGATRUE 550 CAT PATCH CABLE NO BOOT 3FT BLACK GIGATRUE 550 CAT PATCH CBL NO BOOT 100F PK 25 PK GIGATRUE 550 CAT PATCH CABLE NO BOOT 7FT BLACK
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
E28F004BX-B80 E28F004BX-B60 E28F004BX-T120 28F400B |
4-MBIT (256K X 16. 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY 4兆位56 × 16。为512k × 8)启动块闪存系列 OSC 5V SMT PLAS 14X9 CMOS LENS, ROUND, RED; Colour:Red; Diameter, external:29mm RoHS Compliant: Yes Series RR3130 round rocker switches have an ergonomic euro design and panel mounting ACTUATOR, SWITCH, ROUND, MOMENTARY; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:1000000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes Evaluation Kit for the MAX5944 Series RR3112 round rocker switches have an ergonomic feel and multiple circuit options 4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16/ 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Electronic Theatre Controls, Inc. PROM Intel Corp. Intel Corporation
|
1-8066-1 |
BOOT FOR 734 CABLE
|
Winchester Electronics ...
|
P-MRJ-258E-11-BP |
MRJ SERIES BOOT FOR RJ PLUG & CABLE, RoHS COMPLIANT
|
Amphenol Corporation
|
0082266818 8863-18-100B 82-26-6818 |
1.27mm (.050) Pitch Round Conductor Flat Cable 1.27mm (.050") Pitch Round Conductor Flat Cable MOLEX Connector
|
Molex Electronics Ltd.
|
MK50H27 MK50H27PLCC MK50H27DIP |
Category 5e Patch Cord; Connector Type A:Cat 5e Modular Plug; Connector Type B:Cat 5e Modular Jack; Cable Length:3ft; Color:Blue; Features:Snagless Slimline Boot; Cable Strain Relief Signalling System 7 Link Controller
|
http:// 意法半导 ST Microelectronics
|
SDA-95043 0950435895 |
Modular Plug, Short Body, Shielded, 8/8, Yellow Boot, Cat5 for 6.00mm (.236) Cable Outside Diameter
|
Molex Electronics Ltd.
|